Part Number Hot Search : 
S20C50CE 3388611 10N20 LH540235 BAT54T1 WP06R STA517B LT1017IS
Product Description
Full Text Search
 

To Download MTM232270LBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. gate 2. source 3. drain absolute maximum ratings ta = 25 c note: *1 pulse width 10 s duty cycle 1% *2 measuring on ceramic board at 40 mm 38 mm 0.1 mm. absolute maximum rating pd without heat sink shall be made 150 mw. 1. gate 2. source 3. drain publication date: september 2012 ver. ced c storage temperature range tstg -55 to +150 mw channel temperature tch 150 c total power dissipation *2 pd 500 10 8 2.0 drain current drain current (pulsed) *1 code vgs gate-source voltage v id a idp a sot-323 20 v symbol drain-source voltage vds internal connection panasonic smini3-g1-b jeita sc-70 mtm13227 in smini3 type package y low drive voltage: 2.5 v drive y halogen-free / rohs compliant ? features y low drain-source on resistance:rds(on) typ. = 85 m ( vgs = 4.0 v) pin name MTM232270LBF silicon n-channel mosfet for switching unit: mm MTM232270LBF embossed type (thermo-compression sealing): 3 000 pcs / reel (standard) MTM232270LBF ? packaging 1 (eu rohs / ul-94 v-0 / msl:level 1 compliant) ? marking symbol: et parameter rating unit 2 3 1
? electrical characteristics ta = 25 c 3 c note: measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. *1 pulse test : pulse width 10 s duty cycle 1 % *2 see test circuit ver. ced ns turn-off time *2 toff vdd = 10 v, vgs = ? 4 to 0 v, id = 1 a 60 ns turn-on time *2 ton output capacitance coss input capacitance ciss id = 1 a, vds = 10 v, f = 1 khz 3.0 drain to source on-state resistance *1 rds(on)1 m rds(on)2 MTM232270LBF 2 1.3 id = 0.5 a, vgs = 2.5 v 100 150 s vds = 10 v, vgs = 0, f = 1 mhz 12 20 reverse transfer capacitance vdd = 10 v, vgs = 0 to 4 v, id = 1 a crss 26 10 a v 290 pf id = 1 a, vgs = 4 v 85 110 id = 1.0 ma, vds = 10 v 0.4 0.85 v 10 a 20 zero gate voltage drain current idss vds = 20 v, vgs = 0 v unit parameter min typ max symbol conditions vdss id = 1 ma, vgs = 0 v forward transfer admittance *1 |yfs| drain-source breakdown voltage vgs = 8 v, vds = 0 v gate-source threshold voltage vth gate-source leakage current igss
*2 test circuit ver. ced MTM232270LBF 3 vin 0 v 4 v pw = 10 s d.c. Q 1 % vin vdd = 10 v vou t id = 1 a rl = 10 d s g 50 90 % 10 % 10 % t (on) t (off) vou t vin 90 %
ver. ced capiacitance - vds MTM232270LBF dynamic input/output characteristics 4 id - vds id - vgs vds - vgs rds(on) - id ?`` 0 1 2 3 4 5 01234 total gate charge qg (nc) gate-source voltage vgs (v) vdd = 10 v 0 0.5 1 1.5 2 0 0.1 0.2 0.3 drain-source voltage vds (v) drain current id (a) vgs = 1.5 v 2.0 v 2.5 v 4.0 v 0 0.05 0.1 0.15 012 gate-source voltage vgs (v) drain current id (a) 25 ta = 85 -30 0 0.1 0.2 0.3 0.4 0.5 0123456 gate-source voltage vgs (v) drain-source voltage vds (v) id = 1.0 a 0.5 a 0.25 a 10 100 1000 0.1 1 drain current id (a) drain source on-state resistance rds(on) (m ) vgs = 4.0 v 2.5 v 1 10 100 1000 10000 0.1 1 10 100 drain-source voltage vds (v) capacitance c (pf) ciss coss crss
ver. ced MTM232270LBF safe operating area 5 vth - ta rds(on) - ta pd - ta rth -tsw 0.001 0.01 0.1 1 10 100 0.01 0.1 1 10 100 drain-source voltage vds (v) drain current id (a) idp = 8 a operation in this area is limited by rds(on) ta = 25 c, glass epoxy board (25.425.4t0.8mm) coated with copper foil, which has more than 300mm 2 . 100 ms 1 s dc 1 ms 10 ms 0 0.5 1 1.5 -50 0 50 100 150 temperature ta (c) gate-source threshold voltage vth (v) 0 50 100 150 200 -50 0 50 100 150 200 temperature ta (c) drain-source on-state resistance rds(on) (m ) 2.5 v vgs = 4.0 v 0 0.2 0.4 0.6 0.8 0 50 100 150 temperature ta (c) total power dissipation pd (w) mounted on ceramic board (40 x 38 x 0.1 mm) 10 100 1000 0.1 1 10 100 1000 pulse width tsw (s) thermal resistance rth ( c/w) non-heat sink
ver. ced 6 MTM232270LBF unit: mm smini3-g1-b ? land pattern (reference) (unit: mm)
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products. no license is granted in and to any intellectual property right or other right owned by panasonic corporation or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for general applications (such as office equipment, communications equipment, measuring instruments and household appliances), or for specific applications as expressly stated in this book. consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automotive equipment, traffic signaling equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. it is to be understood that our company shall not be held responsible for any damage incurred as a result of or in connection with your using the products described in this book for any special application, unless our company agrees to your using the products in this book for any special application. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of our company. 20100202


▲Up To Search▲   

 
Price & Availability of MTM232270LBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X